Part Number Hot Search : 
TA1230Z T74FCT SC1815 TC649EUA SPLCGXX 4805D PT314 2000W
Product Description
Full Text Search
 

To Download SF10A400H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SF10A400H
Ultra Fast Recovery Diode
Applications
* High speed switching and rectification * Switching mode power supply
Features
* Ultra-fast reverse recovery time: trr=50ns Max. * Low forward voltage & low reverse current * Low switching loss
Ordering Information
Type No. SF10A400H Marking SF10A400H Package Code TO-220F-2L
Outline Dimensions
9.80~10.20 3.05~3.35 2.60~3.00
unit : mm
15.40~15.80
12.20~12.60
9.10~9.30
PIN Connections
12.40~13.00
0.90 Max.
3.46 Typ.
2.86 Typ.
1.07 Min.
0.60 Max.
1
2
2.54 Typ. 1 4.70 Max. 2
2.54 Typ.
1. Cathode 2. Anode
2.70 Max.
KSD-D0Q007-000
1
SF10A400H
Absolute Maximum Ratings
Characteristic
Repetitive peak reverse voltage Average rectified output current Peak forward surge current (Non-repetitive 60Hz sine wave) Junction temperature Storage temperature range
[Ta=25C]
Symbol
VRRM IO IFSM TJ Tstg
Rating
400 10 120 150 -45 ~ 150
Unit
V A A C C
Electrical Characteristics
Characteristic
Peak forward voltage Repetitive peak reverse current Reverse recovery time Total capacitance Thermal resistance
[Ta=25C]
Symbol
VFM1) IRRM trr CT Rth
Test Condition
IF=10A VR=400V IF=1A, di/dt=100A/ VR=10V, f=1MHz Junction to ambient Junction to case
Min.
-
Typ.
65 -
Max.
1.4 20 50 62.5 3.5
Unit
V ns pF C/W
1) Pulse test : tP380 , Duty cycle2%
KSD-D0Q007-000
2
SF10A400H
Electrical Characteristic Curves
Fig.1 IF - VF Fig. 2 IR - VR
Fig. 3 PF - IO
[]
Fig. 4 CT - VR
Fig. 5 IFSM - Number of cycle
Fig. 6 IO derating - TC
KSD-D0Q007-000
3
SF10A400H
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-D0Q007-000
4


▲Up To Search▲   

 
Price & Availability of SF10A400H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X